|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin PD-20404 07/04 MBRS140TRPBF SCHOTTKY RECTIFIER 1 Amp IF(AV) = 1.0Amp VR = 40V Major Ratings and Characteristics Characteristics IF(AV) Rectangular waveform VRRM I FSM @ tp = 5 s sine VF TJ @ 1.0 Apk, T J=125C range Description/ Features Units A V A V C The MBRS140TRPBF surface-mount Schottky rectifier has been designed for applications requiring low forward drop and very small foot prints on PC boards. Typical applications are in disk drives, switching power supplies, converters, free-wheeling diodes, battery charging, and reverse battery protection. Small foot print, surface mountable Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix) Value 1.0 40 380 0.53 - 55 to 150 Case Styles MBRS140TRPBF SMB www.irf.com 1 MBRS140TRPBF Bulletin PD-20404 07/04 Voltage Ratings Part number VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V) MBRS140TRPBF 40 Absolute Maximum Ratings Parameters IF(AV) Max. Average Forward Current IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current Non- Repetitive Avalanche Energy Repetitive Avalanche Current Value 1.0 380 40 3.0 1.0 Units Conditions A A 50% duty cycle @ T L = 119 C, rectangular wave form 5s Sine or 3s Rect. pulse 10ms Sine or 6ms Rect. pulse mJ A TJ = 25 C, IAS = 1A, L = 6mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. Va = 1.5 x Vr typical Following any rated load condition and with rated VRRM applied Electrical Specifications Parameters VFM Max. Forward Voltage Drop (1) Typ. 0.52 0.70 0.48 0.63 Max 0.6 0.77 0.53 0.71 0.1 4.0 80 2.0 10000 Units V V V V mA mA pF nH V/s Conditions @ 1A @ 2A @ 1A @ 2A TJ = 25C TJ = 125C TJ = 25 C TJ = 125 C VR = rated VR IRM CT LS Max. Reverse Leakage Current (1) - Max. Junction Capacitance Typical Series Inductance - VR = 5VDC(test signal range 100KHz to 1Mhz)25C Measured lead to lead 5mm from package body dv/dt Max. Voltage Rate of Change (Rated VR) (1) Pulse Width < 300s, Duty Cycle < 2% Thermal-Mechanical Specifications Parameters TJ Tstg Max. Storage Temperature Range (**) 80 C/W DC operation Value - 55 to 150 36 Units C C Conditions Max. Junction Temperature Range(*) - 55 to 150 RthJL Max. Thermal Resistance Junction to Lead RthJA Max. Thermal Resistance Junction to Ambient wt Approximate Weight Case Style Device Marking (*) dPtot C/W DC operation (See Fig. 4) 0.10 (0.003) g (oz.) SMB IR14 Similar to DO-214AA 1 < thermal runaway condition for a diode on its own heatsink dTj Rth( j-a) (**) Mounted 1 inch square PCB 2 www.irf.com MBRS140TRPBF Bulletin PD-20404 07/04 10 Reverse Current - I R (mA) 10 1 0.1 0.01 0.001 0.0001 0 Tj = 150C 125C 100C 75C 50C Tj = 150C Tj = 125C (A) Tj = 25C 25C Instantaneous Forward Current - I F 5 10 15 20 25 30 35 40 Reverse Voltage - VR (V) 1 Fig. 2 - Typical Peak Reverse Current Vs. Reverse Voltage 1000 Junction Capacitance - C T (p F) T = 25C J 100 0.1 0.2 10 0.4 0.6 0.8 1 Forward Voltage Drop - VFM (V) 1.2 0 10 20 30 40 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage Fig. 1 - Maximum Forward Voltage Drop Characteristics 100 (C/W) 10 Thermal Impedance Z D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 thJC PDM t1 1 Notes: Single Pulse (Thermal Resistance) 1. Duty factor D = t1/ t2 t2 . . 2. Peak Tj = Pdm x ZthJC + Tc 0.1 0.00001 0.0001 0.001 0.01 thJC 0.1 1 10 100 t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z Characteristics (Per Leg) www.irf.com 3 MBRS140TRPBF Bulletin PD-20404 07/04 160 Allowable Lead Temperature (C) Average Power Loss (Watts) 1 DC D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 150 140 130 120 110 0.8 0.6 D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 RMS Limit 0.4 0.2 0 DC 100 Square wave (D = 0.50) 90 Rated Vr applied 80 see note (2) 70 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Average Forward Current - I F(AV) (A) Fig. 4 - Maximum Average Forward Current Vs. Allowable Lead Temperature 0 0.3 0.6 0.9 1.2 1.5 Average Forward Current - I F(AV) (A) Fig. 5 - Maximum Average Forward Dissipation Vs. Average Forward Current Non-Repetitive Surge Current - I (A) FSM 1000 100 At Any Rated Load Condition And With rated Vrrm Applied Following Surge 10 10 100 1000 10000 Square Wave Pulse Duration - Tp (Microsec) Fig. 6 - Maximum Peak Surge Forward Current Vs. Pulse Duration (2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR 4 www.irf.com MBRS140TRPBF Bulletin PD-20404 07/04 Outline Table Device Marking: IR14 CATHODE ANODE 2.15 (.085) 1.80 (.071) 3.80 (.150) 3.30 (.130) 1 2 4.70 (.185) 4.10 (.161) 1 POLARITY 2 PART NUMBER 2.40 (.094) 1.90 (.075) 1.30 (.051) 0.76 (.030) 0.30 (.012) 0.15 (.006) 5.60 (.220) 5.00 (.197) 2.5 TYP. (.098 TYP.) SOLDERING PAD 2.0 TYP. (.079 TYP.) 4.2 (.165) 4.0 (.157) Outline SMB Dimensions in millimeters and (inches) For recommended footprint and soldering techniques refer to application note #AN-994 Marking & Identification Each device has 2 rows for identification. The first row designates the device as manufactured by International Rectifier, indicated by the letters "IR", and the Part Number (indicates the current, the voltage rating and Schottky Generation). The second row indicates the year, the week of manufacturing and the Site ID. IR14 VOLTAGE CURRENT IR LOGO PYWWX SITE ID WEEK 2nd digit of the YEAR "Y" = 1st digit of the YEAR "standard product" "P" = "Lead-Free" www.irf.com 5 MBRS140TRPBF Bulletin PD-20404 07/04 Tape & Reel Information Dimensions in millimetres and (inches) Ordering Information Table Device Code MBR 1 1 2 3 4 5 6 - S 2 1 3 40 4 TR 5 PbF 6 Schottky MBR Series S = SMB Current Rating (1 = 1 A) Voltage Rating (40 = 40V) TR = Tape & Reel (3000 pieces) none = Standard Production PbF = Lead-Free 6 www.irf.com MBRS140TRPBF Bulletin PD-20404 07/04 MBRS140TR ******************************************** * This model has been developed by * * Wizard SPICE MODEL GENERATOR (1999) * * (International Rectifier Corporation) * * Contain Proprietary Information * ******************************************** * SPICE Model Diode is composed by a * * simple diode plus paralled VCG2T * ******************************************** .SUBCKT MBRS140TR ANO CAT D1 ANO 1 DMOD (0.00472) *Define diode model .MODEL DMOD D(IS=1.97976145988308E-04A,N=1.26859975252172,BV=52V, + IBV=0.398018928721903A,RS= 0.00064192,CJO=4.04605589057834E-08, + VJ=1.033218502959,XTI=2, EG=0.793941654518305) ******************************************** *Implementation of VCG2T VX 1 2 DC 0V R1 2 CAT TRES 1E-6 .MODEL TRES RES(R=1,TC1=-5.28209710108381) GP1 ANO CAT VALUE={-ABS(I(VX))*(EXP((((-4.223696E-03/-5.282097)*((V(2,CAT)*1E6)/(I(VX)+1E-6)1))+1)*8.300212E-02*ABS(V(ANO,CAT)))-1)} ******************************************** .ENDS MBRS140TR Thermal Model Subcircuit .SUBCKT MBRS140TR 5 1 CTHERM1 CTHERM2 CTHERM3 CTHERM4 RTHERM1 RTHERM2 RTHERM1 RTHERM1 5 4 3 2 5 4 3 2 4 3 2 1 4 3 2 1 2.37E+00 2.83E+01 3.25E+02 1.15E+04 1.18E+01 1.55E+01 7.12E+00 1.32E+00 .ENDS MBRS140TR Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/04 www.irf.com 7 |
Price & Availability of MBRS140TRPBF |